Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 19 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 19 Page - ams AG

Back Button AS7000 Datasheet HTML 15Page - ams AG AS7000 Datasheet HTML 16Page - ams AG AS7000 Datasheet HTML 17Page - ams AG AS7000 Datasheet HTML 18Page - ams AG AS7000 Datasheet HTML 19Page - ams AG AS7000 Datasheet HTML 20Page - ams AG AS7000 Datasheet HTML 21Page - ams AG AS7000 Datasheet HTML 22Page - ams AG AS7000 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
ams Datasheet
Page 19
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
AFE_PD_CFG Register (Addr: 0x08)
The AFE_PD_CFG register is used to configure the input to the
photo amplifier.
Figure 16:
AFE_PD_CFG Register
Note(s):
1. SC_WS: Self clear, write sets: These registers are reset by the hardware. Set to ‘1’ before using them.
Addr: 0x08
AFE_PD_CFG
Bit
Bit Name
Default
Access
Description
25
sd_hld
0
R/W
SD hold
0 …Output of synchronous demodulator is forced to
SIGREF if not set to +1 or -1
1… Output of synchronous demodulator is tristated if not
set to +1 or -1
23
led4_
supply_low
0
SC_WS (1)
If this bit is cleared, LED4 current sink voltage was below its
compliance voltage
22
led3_
supply_low
0
SC_WS (1)
If this bit is cleared, LED3 current sink voltage was below its
compliance voltage.
21
led2_
supply_low
0
SC_WS (1)
If this bit is cleared, LED2 current sink voltage was below its
compliance voltage.
20
led1_
supply_low
0
SC_WS (1)
If this bit is cleared, LED1 current sink voltage was below its
compliance voltage.
15:8
pdoffx
0x00
R/W
Input offset current
Ioffset = pdoffx*10nA
00000000…Offset source is turned OFF
5pd4
0
R/W
0 …Photodiode PD4 is disconnected from photo amplifier
1 …Photodiode PD4 is connected to photo amplifier (as
defined in diode_ctrl)
4pd3
0
R/W
0 …Photodiode PD3 is disconnected from photo amplifier
1 …Photodiode PD3 is connected to photo amplifier (as
defined in diode_ctrl)
3pd2
0
R/W
0 …Photodiode PD2 is disconnected from photo amplifier
1 …Photodiode PD2 is connected to photo amplifier (as
defined in diode_ctrl)
2pd1
0
R/W
0 …Photodiode PD1 is disconnected from photo amplifier
1 …Photodiode PD1 is connected to photo amplifier (as
defined in diode_ctrl)
1pdi_1
0
R/W
0 …GPIO7-input is disconnected from photo amplifier
1 …GPIO7-input is connected to photo amplifier
0pdi_0
0
R/W
0 …GPIO6-input is disconnected from photo amplifier
1 …GPIO6-input is connected to photo amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com