Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 76 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 76 Page - ams AG

Back Button AS7000 Datasheet HTML 72Page - ams AG AS7000 Datasheet HTML 73Page - ams AG AS7000 Datasheet HTML 74Page - ams AG AS7000 Datasheet HTML 75Page - ams AG AS7000 Datasheet HTML 76Page - ams AG AS7000 Datasheet HTML 77Page - ams AG AS7000 Datasheet HTML 78Page - ams AG AS7000 Datasheet HTML 79Page - ams AG AS7000 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
Page 76
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
GPIO, SWD and Security Registers
Figure 97:
GPIO_DATA
Note(s):
1. The upper 4 bits are routed to the LED pins. This way the software can output data conveniently and quickly. The AFE module has
to be turned ON and the LED have to be enabled for this to work.
Figure 98:
GPIO_OE
Figure 99:
GPIO_WMASK
0x00: GPIO_DATA
Field
Name
Rst
Type
Description
12:0
gpio_d
0
R_PUSH
Read/write pin data directly. A read always returns the
value at the pin. (1)
0x04: GPIO_OE
Field
Name
Rst
Type
Description
8:0
gpio_oe
0
R_PUSH
Output enable (1=output 0=input)
0x08: GPIO_WMASK
Field
Name
Rst
Type
Description
8:0
gpio_wmask
0x1ff
RW
All subsequent writes to GPIO_DATA and GPIO_OE will affect
only those bits that are asserted in this mask register. This
way a driver can set and clear bits with one access without
affecting any other bits. This can be used for bit banging
implementations of serial protocols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com