Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 32 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 32 Page - ams AG

Back Button AS7000 Datasheet HTML 28Page - ams AG AS7000 Datasheet HTML 29Page - ams AG AS7000 Datasheet HTML 30Page - ams AG AS7000 Datasheet HTML 31Page - ams AG AS7000 Datasheet HTML 32Page - ams AG AS7000 Datasheet HTML 33Page - ams AG AS7000 Datasheet HTML 34Page - ams AG AS7000 Datasheet HTML 35Page - ams AG AS7000 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
AFE_SEQ_ADC Register (Addr: 0x44)
The AFE_SEQ_ADC register defines the time when the ADC
starts sampling during each measurement cycle. The fraction
setting permits a definition of the sampling point as a 1/16
fraction of a sequencer cycle. If seq_div=0 (1us sequencer
clock), then one unit is equivalent to 62.5ns. If, e.g. seq_div=4
(5us) then the resolution of the fract register is
62.5ns*5=312.5ns
Figure 35:
AFE_SEQ_ADC Register
AFE_SEQ_COUNTER Register (Addr: 0x80)
The AFE_SEQ_COUNTER register shows the counter value of the
sequence counter and period counter
Figure 36:
AFE_SEQ_COUNTER Register
Addr: 0x44
AFE_SEQ_ADC
Bit
Bit Name
Default
Access
Description
31:28
seq_adc_inc_fract
0x0
R/W
ADC delay increment :
seq_adc_inc_fract/16 fractional
27:24
seq_adc_fract
0x0
R/W
ADC start delay:
seq_adc_fract/16 fractional
23:16
seq_adc_inc
0x00
R/W
ADC increment to the adc sample time after each
conversion.
15:0
seq_adc
0x0000
R/W
ADC Sampling time; changes of this register have
no effect as long as the sequencer is running (seq_
en=1).
Addr: 0x80
AFE_SEQ_COUNTER
Bit
Bit Name
Default
Access
Description
31:24
subs_counter
0x00
R
Current subsampling counter value
23:16
sequence_counter
0x00
R
Current sequence counter value
15:0
cycle_counter
0x0000
R
Current cycle counter value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com