Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 27 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 27 Page - ams AG

Back Button AS7000 Datasheet HTML 23Page - ams AG AS7000 Datasheet HTML 24Page - ams AG AS7000 Datasheet HTML 25Page - ams AG AS7000 Datasheet HTML 26Page - ams AG AS7000 Datasheet HTML 27Page - ams AG AS7000 Datasheet HTML 28Page - ams AG AS7000 Datasheet HTML 29Page - ams AG AS7000 Datasheet HTML 30Page - ams AG AS7000 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
ams Datasheet
Page 27
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Sequencer
In order to synchronize the LED-currents, the integration time
and the ADC-sampling time, a built in sampling Sequencers can
be used. The sequencer generates the 16 bit-timings based on
a 1μs clock. The results of the analog to digital conversion are
automatically stored in a pipeline buffer or in register adc_data.
The timings can be programmed with following registers (apply
for man_mode=0):
Figure 25:
Sequencer Control Registers Overview
Note(s):
1. The lowest data value of all registers except seq_count, seq_div, seq_adc_inc, seq_adc_inc_fract and seq_adc_fract is 1.
Register
Description
seq_div
Divider of the 1μs input clock
seq_count
Number of measurements in one sequence
seq_start
Writing 1 starts the sequencer, 0 stops the sequencer
seq_period
Time of one measurement cycle
seq_led_start
Start time of the LED drivers within one cycle
seq_led_stop
Stop time of the LED drivers within one cycle
seq_itg_start
Start time of the integrator
seq_itg_stop
Stop time of the integrator
seq_sdp_start
Start time of the synchronous demodulator’s positive multiplication
seq_sdp_stop
Stop time of the synchronous demodulator’s positive multiplication
seq_sdm1_start
Start time of the synchronous demodulator’s negative multiplication 1
seq_sdm1_stop
Stop time of the synchronous demodulator’s negative multiplication 1
seq_sdm2_start
Start time of the synchronous demodulator’s negative multiplication 2
seq_sdm2_stop
Stop time of the synchronous demodulator’s negative multiplication 2
seq_adc, seq_adc_fract
Sampling position of the ADC in single steps / in 1/16th steps
seq_adc_inc, seq_adc_inc_fract
Increment of the sampling position of the ADC after each measurement in
single steps / in 1/16th steps
sd_subs
Subsampling ratio between sequencer frequency and ADC sampling
frequency – use for adjusting the ADC sampling frequency at a lower
speed than the sequencer cycle frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com