Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 83 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 83 Page - ams AG

Back Button AS7000 Datasheet HTML 79Page - ams AG AS7000 Datasheet HTML 80Page - ams AG AS7000 Datasheet HTML 81Page - ams AG AS7000 Datasheet HTML 82Page - ams AG AS7000 Datasheet HTML 83Page - ams AG AS7000 Datasheet HTML 84Page - ams AG AS7000 Datasheet HTML 85Page - ams AG AS7000 Datasheet HTML 86Page - ams AG AS7000 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
ams Datasheet
Page 83
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Application Information
The AS7000 has a built-in I²C master and host device. Therefore
it allows to connect an accelerometer used for motion artefact
compensation in two ways:
1.
Connected through the host and data provided by the
host to the AS7000 via the AS7000 I²C slave
2.
Connected directly to the AS7000 and the AS7000 I²C
master retrieves the data from the accelerometer.
Following two figures show the different configurations.
Figure 115:
Measurement System With Motion Artefact Compensation
Note(s):
1. Accelerometer data provided by host.
In above configuration the host needs to send the
accelerometer data to the AS7000 via the I²C interface.
Application Information
AS7000
M0 CPU
+ RAM/
EEPROM
& Interfaces
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
GPIO8
GPIO7
GPIO6
GPIO5
LDO
Ref
Optical barrier
AGND
SIGREF
VDD
V_LDO
GND
VDD
2.6V-3.6V
VD1
VD2
VD4
VD3
LED
Supply
(DCDC)
Host
Processor
Accelerometer
VDD LDO
3V
on
ON=0
I2C to AS7000
VDD
PMIC
+Charger
to LED Supply
VBAT
VBAT
VBAT
GPIO2=SDA
GPIO3=SCL
SDA
SCL
VDD
VD3/VD4: if not used
connect to GND
on
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com