Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 29 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 29 Page - ams AG

Back Button AS7000 Datasheet HTML 25Page - ams AG AS7000 Datasheet HTML 26Page - ams AG AS7000 Datasheet HTML 27Page - ams AG AS7000 Datasheet HTML 28Page - ams AG AS7000 Datasheet HTML 29Page - ams AG AS7000 Datasheet HTML 30Page - ams AG AS7000 Datasheet HTML 31Page - ams AG AS7000 Datasheet HTML 32Page - ams AG AS7000 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
ams Datasheet
Page 29
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Sequencer Registers
For registers man_mode, man_sw_sdmult, man_sw_sdpol,
man_sw_itg, man_sw_led4, man_sw_led3, man_sw_led2,
man_sw_led1, diode_ctrl, dma_disable, led4_mode, led3_
mode, led2_mode and led1_mode,seq_en
see AFE_MAN_SEQ_CFG .
For register sd_subs see AFE_SC_CFG .
AFE_SEQ_DIV_CNT Register (Addr: 0x24)
The AFE_SEQ_DIV_CNT register sets the input divider for the
main clock.
Figure 27:
AFE_SEQ_DIV_CNT Register
AFE_SEQ_START Register (Addr: 0x28)
In AFE_SEQ_START register the configured sequencer can be
started.
Figure 28:
AFE_SEQ_START Register
Addr: 0x24
AFE_SEQ_DIV_CNT
Bit
Bit Name
Default
Access
Description
23:8
seq_div
0x0000
R/W
Divider value; Sequencer time increment
tclk = (seq_div + 1) * 1μs
7:0
seq_count
0x00
R/W
Number of measurements in one sequence.
IF seq_count = 0x00 the sequencer is running
continuously.
Addr: 0x28
AFE_SEQ_START
Bit
Bit Name
Default
Access
Description
0seq_start
0
R/W
1…Starts the sequencer. Sequencer is running according
to the configurations in the sequencer registers
Writing 0 stops the sequencer(s). In manual mode, writing
1 starts one ADC conversion. Reading returns 1 if the
sequencer is running (sequencer mode), respectively if
the ADC is converting (manual mode) and it returns to 0
once the ADC has finished its conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com