Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 11 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 11 Page - ams AG

Back Button AS7000 Datasheet HTML 7Page - ams AG AS7000 Datasheet HTML 8Page - ams AG AS7000 Datasheet HTML 9Page - ams AG AS7000 Datasheet HTML 10Page - ams AG AS7000 Datasheet HTML 11Page - ams AG AS7000 Datasheet HTML 12Page - ams AG AS7000 Datasheet HTML 13Page - ams AG AS7000 Datasheet HTML 14Page - ams AG AS7000 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
ams Datasheet
Page 11
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
LEDs
AS7000-AA Dual Green LED Configuration
Two green LEDs are used (pins VD1/VD2). The other two current
sinks are available on pins VD3 and VD4.
LED Characteristics
Figure 9:
LED Characteristics at TAMB =25°C
Note(s):
1. The maximum allowed LED current (DC and peak) is specified for 25°C. Lower values apply for higher temperatures.
2. Add 280mV and use LED current range ≤100mA for designing the VD1/VD2 LED supply (DC-DC converter).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Green LED (AS7000-AA)
ILED_GREEN
Allowed operating LED current
range (1)
Continuous
0
50
mA
1/10 duty cycle @ 1 kHz
100
mA
VFLED_GREEN
Forward voltage (2)
ILED=20mA
2.9
3.2
V
VFLED+DRIVER
_GREEN
Voltage on VD1/VD2 where
operation of the LED and current
source is guaranteed
ILED= 10mA
3.6
V
ILED= 50mA
4.5
λp_GREEN
Dominant wavelength
527
nm
Δλ½_GREEN
Spectral halfwidth
35
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com