Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 21 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 21 Page - ams AG

Back Button AS7000 Datasheet HTML 17Page - ams AG AS7000 Datasheet HTML 18Page - ams AG AS7000 Datasheet HTML 19Page - ams AG AS7000 Datasheet HTML 20Page - ams AG AS7000 Datasheet HTML 21Page - ams AG AS7000 Datasheet HTML 22Page - ams AG AS7000 Datasheet HTML 23Page - ams AG AS7000 Datasheet HTML 24Page - ams AG AS7000 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
ams Datasheet
Page 21
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Figure 19:
Operating Characteristics of Each Photodiode, VDD=3V, TAMB=25°C (unless otherwise noted)
Note(s):
1. For monochromatic light of 555nm, one lux corresponds to 0.146 μW/cm2. That is, one obtains 6.5 lux per μW/cm2
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re
Irradiance
responsivity
λ
P=525nm,
4 photodiodes used pd1/2/3/4=1,
gain_g=4x, gain_en=1, pd_ampres=7MΩ
dual green LED configuration filters
76
mV/
(μW
/cm2)
Id
Dark current
Ee=0
01
nA
Ios
Extrapolated
offset current
−1
1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com