Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 5 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 5 Page - ams AG

  AS7000 Datasheet HTML 1Page - ams AG AS7000 Datasheet HTML 2Page - ams AG AS7000 Datasheet HTML 3Page - ams AG AS7000 Datasheet HTML 4Page - ams AG AS7000 Datasheet HTML 5Page - ams AG AS7000 Datasheet HTML 6Page - ams AG AS7000 Datasheet HTML 7Page - ams AG AS7000 Datasheet HTML 8Page - ams AG AS7000 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
ams Datasheet
Page 5
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Absolute Maximum Ratings
Stresses beyond those listed may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond
those indicated in Electrical Characteristics is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Figure 5:
Absolute Maximum Ratings(1)
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
Supply voltage to ground
3.63V
V
V_LDO
Supply voltage to ground
1.98V max.
VDD+0.3V
V
VIN
Input pin voltage to
ground, all pins except
VD1/VD2/VD3/VD4
-0.3
VDD+0.3V
max. 3.8V
V
VIN-VD1-4
Input pin voltage to
ground, pins
VD1/VD2/VD3/VD4
-0.3
5.5
V
VINLDO
Input pin voltage to
ground, pin SIGREF
-0.3
V_LDO+0.3V
max. 1.98V
V
ISCR
Input current
(latch-up immunity)
-100
100
mA
JEDEC JESD78
Electrostatic Discharge
ESDHBM
All pins except
VD1/VD2/VD3 and VD4
±1.0
kV
Electrostatic discharge HBM:
JEDEC JESD22-A114F
Pins VD1/VD2/VD3 and VD4
±350
V
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com