Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 7 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 7 Page - ams AG

Back Button AS7000 Datasheet HTML 3Page - ams AG AS7000 Datasheet HTML 4Page - ams AG AS7000 Datasheet HTML 5Page - ams AG AS7000 Datasheet HTML 6Page - ams AG AS7000 Datasheet HTML 7Page - ams AG AS7000 Datasheet HTML 8Page - ams AG AS7000 Datasheet HTML 9Page - ams AG AS7000 Datasheet HTML 10Page - ams AG AS7000 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
ams Datasheet
Page 7
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Electrical Characteristics
VDD=2.6 to 3.6V, typ. values are at TAMB=25°C (unless otherwise
specified).
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Operating Conditions
Symbol
Parameter
Conditions
Min Typ
Max
Unit
VDD
Supply voltage
2.6
3.3
3.6
V
VLED
LED Supply voltage
VD1, VD2, VD3, VD4 if a
LED is used
5.0
V
VLDO
LDO voltage, generated by
AS7000
Pin V_LDO
1.9
V
TAMB
Operating free-air temperature
−30
70
°C
IDD
Supply current
CPU + EEPROM running at
16MHz;
from 1.8V supply; all
periphery blocks off
1.4
mA
CPU in sleep mode,
16MHz oscillator running;
all periphery blocks off
360
μA
ADC 14bit; only during
conversion
2mA
Photodiode amplifier and
Optical front end
430
μA
Electrical front end
180
μA
LED current sink per
channel 25mA range
210
μA
LED current sink per
channel 50mA and
100mA range
340
μA
Deep sleep mode (1), (2)
512Hz oscillator running,
LDO operating, processor
powered
25
μA
Power down (3)
GPIO8=VDD.
0.8
μA
VOL
GPIO0-8 output low voltage
With 3 mA load
With 6 mA load
0
0
0.4
0.8
V
VOH
GPIO0-8 output high voltage
With 6 mA load,
VDD>3.0V
2.4
VDD
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com