Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 40 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 40 Page - ams AG

Back Button AS7000 Datasheet HTML 36Page - ams AG AS7000 Datasheet HTML 37Page - ams AG AS7000 Datasheet HTML 38Page - ams AG AS7000 Datasheet HTML 39Page - ams AG AS7000 Datasheet HTML 40Page - ams AG AS7000 Datasheet HTML 41Page - ams AG AS7000 Datasheet HTML 42Page - ams AG AS7000 Datasheet HTML 43Page - ams AG AS7000 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
Optical Signal Conditioning
Figure 52:
Optical Signal Conditioning
Synchronous Demodulator
An optional synchronous demodulator can be used to detect
small optical signals in the presence of large unwanted noise
(ambient light). Since the detector synchronizes to the LED
frequency, the demodulator can only be used of the
measurement sequencer is running.
It includes input filer (high pass at 200Hz, adjustable low pass)
and an 2nd order adjustable output low pass. The demodulator
itself multiplies the signal by +1 / 0 / -1 with a timing which is
controlled by the sequencer.
Note(s): The optical signal conditioning stage need sigref_
en=1 for operation.
High Pass Filter
An optional high pass filter can be used to remove unwanted
DC-components from the signal and allows further
amplification. In order to guarantee fast settling times of the
filter, four cutoff frequencies can be chosen.
Gain Stage
An optional gain stage can be used to amplify the signal after
the DC-component has been removed.
*
ADC
gain_byp
sd_byp
Synchronous Demodulator
Gain Stage
hp_byp
High Pass Filter
sd_bw
aa_freq
200Hz
sd_en
hp_freq
hp_en
gain_g
gain_en
from TIA
Sequencer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com