Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 55 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 55 Page - ams AG

Back Button AS7000 Datasheet HTML 51Page - ams AG AS7000 Datasheet HTML 52Page - ams AG AS7000 Datasheet HTML 53Page - ams AG AS7000 Datasheet HTML 54Page - ams AG AS7000 Datasheet HTML 55Page - ams AG AS7000 Datasheet HTML 56Page - ams AG AS7000 Datasheet HTML 57Page - ams AG AS7000 Datasheet HTML 58Page - ams AG AS7000 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
ams Datasheet
Page 55
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Figure 67:
Operating Characteristics of the ADC, VDD=3V, TAMB=25°C (unless otherwise noted)
Figure 68:
ADC Output Codes (12 Bit Resolution Setting Range)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vref
Reference voltage V_ADCRef
1.6
V
TCvref
Reference voltage temperature
coefficient
±50
ppm/°C
Resolution
adc_clock ≤ 1MHz
Otherwise
14
12
Bit
INL
Relative accuracy
-8
8
LSB
DNL
Differential nonlinearity
±2
LSB
Offset error
±8
LSB
Gain error
±8
LSB
SNR
Signal-to-noise ratio
Fsample = 1kHz,
Fsignal=100Hz
80
dB
THD
Total harmonic distortion
Fsample = 1kHz,
Fsignal=100Hz
-70
dB
Tconv
Conversion rate
12 bit resolution
1
μs
Vin
Input voltage range
0
Vref
V
ADC Output Codes:
For 14 bit resolution the output data
range is 0 to 16383, one LSB represents
Vref/16384.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com