Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 42 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 42 Page - ams AG

Back Button AS7000 Datasheet HTML 38Page - ams AG AS7000 Datasheet HTML 39Page - ams AG AS7000 Datasheet HTML 40Page - ams AG AS7000 Datasheet HTML 41Page - ams AG AS7000 Datasheet HTML 42Page - ams AG AS7000 Datasheet HTML 43Page - ams AG AS7000 Datasheet HTML 44Page - ams AG AS7000 Datasheet HTML 45Page - ams AG AS7000 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
Page 42
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
8:7
hp_freq
0
RW
High pass filter cutoff frequency
Setting
Cutoff frequency
00.33Hz
11.32Hz
25.28Hz
3
10.56Hz
6sd_en
0
RW
0...Power down of the synchronous demodulator
1...Enable synchronous demodulator
5sd_byp
0
RW
0...Synchronous demodulator is used
1...Synchronous demodulator is bypassed
4
gain_en
0
RW
0...Power down of the Gain stage 1...Enable Gain stage
3gain_byp
0
RW
0...Gain stage is used
1...Gain stage is bypassed
2:0
gain_g
0
RW
Gain
Setting
Gain
01
12
24
38
416
532
664
7don‘t use
0x70: AFE_SC_CFG
Field
Name
Rst
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com