Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 2 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 2 Page - ams AG

  AS7000 Datasheet HTML 1Page - ams AG AS7000 Datasheet HTML 2Page - ams AG AS7000 Datasheet HTML 3Page - ams AG AS7000 Datasheet HTML 4Page - ams AG AS7000 Datasheet HTML 5Page - ams AG AS7000 Datasheet HTML 6Page - ams AG AS7000 Datasheet HTML 7Page - ams AG AS7000 Datasheet HTML 8Page - ams AG AS7000 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − General Description
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
Application Schematic AS7000-AA
AS7000-AA
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
GPIO8
GPIO7
GPIO6
GPIO5
14 bit ADC
LDO
Biasing
Optical barrier
AGND
SIGREF
CSIGREF
2.2µF
VDD
V_LDO
GND
CLDO
2.2µF
VDD
2.6V-3.6V
VD1
VD2
LED
Supply
VD4
VD3
ON=0,
off by sotftware
CVDD
2.2µF
LED
Supply
Cortex M0
4kByte RAM
32kByte EEPROM
UART, SPI, I2C
if not used
connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com