Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 85 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 85 Page - ams AG

Back Button AS7000 Datasheet HTML 81Page - ams AG AS7000 Datasheet HTML 82Page - ams AG AS7000 Datasheet HTML 83Page - ams AG AS7000 Datasheet HTML 84Page - ams AG AS7000 Datasheet HTML 85Page - ams AG AS7000 Datasheet HTML 86Page - ams AG AS7000 Datasheet HTML 87Page - ams AG AS7000 Datasheet HTML 88Page - ams AG AS7000 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
ams Datasheet
Page 85
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Application Information
Due to the integration of the optical diode / optical frontend /
analog processing / ADC and microprocessor a heart-rate
measurement application can be built with very small PCB area
as shown in following figure:
Figure 117:
Typical Form Factor Including VDD LDO
External Components
Figure 118:
External Components
Part Number
Parameter or
Type
Voltage
Rating
Size
Comment
Manufacturer
AS1383
DC-DC converter
200mA, 3.5MHz
n/a
1.17x0.77x0.6mm
DC-DC converter for
VLED supply on pin
VD1/VD2
ams
www.ams.com
AS1369-BWLT-30
200mA LDO
VOUT=3.0V
0.97x0.97x0.6mm
Ultra Small LDO for
VDD supply
GRM153R60J225ME95
C=2.2
μF,
min. 1
μF at 1.0V bias
6.3V
0402
(1.0x0.5x0.5mm)
On pin VDD, V_LDO
and SIGREF
Murata
www.murata.com
LIS2DH12
Accelerometer
n/a
2x2x1mm
ST
www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com