Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 48 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 48 Page - ams AG

Back Button AS7000 Datasheet HTML 44Page - ams AG AS7000 Datasheet HTML 45Page - ams AG AS7000 Datasheet HTML 46Page - ams AG AS7000 Datasheet HTML 47Page - ams AG AS7000 Datasheet HTML 48Page - ams AG AS7000 Datasheet HTML 49Page - ams AG AS7000 Datasheet HTML 50Page - ams AG AS7000 Datasheet HTML 51Page - ams AG AS7000 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
15:13
gpio_r_bias
0
RW
Resistive biasing
Setting
Meaning
0
No resistive biasing
1
Resistive biasing on GPIO4
2
Resistive biasing on GPIO5
3
Resistive biasing on GPIO6
4
Resistive biasing on GPIO1
5
Resistive biasing on GPIO0
12:10
gpio_i_bias
0
RW
Current biasing
Setting
Meaning
0No current biasing
1Current biasing on GPIO4
2Current biasing on GPIO5
3Current biasing on GPIO6
4Current biasing on GPIO1
5Current biasing on GPIO0
9:8
gpio_bias_
current
0RW
Current setting of gpio current bias
Setting
Current
0OFF
110
μA
2100
μA
31mA
0x90: AFE_EAF
Field
Name
Rst
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com