Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 31 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 31 Page - ams AG

Back Button AS7000 Datasheet HTML 27Page - ams AG AS7000 Datasheet HTML 28Page - ams AG AS7000 Datasheet HTML 29Page - ams AG AS7000 Datasheet HTML 30Page - ams AG AS7000 Datasheet HTML 31Page - ams AG AS7000 Datasheet HTML 32Page - ams AG AS7000 Datasheet HTML 33Page - ams AG AS7000 Datasheet HTML 34Page - ams AG AS7000 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
ams Datasheet
Page 31
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
AFE_SEQ_SDP Register (Addr: 0x38)
The AFE_SEQ_SDP register sets the synchronous demodulator
positive multiplication time. Data is stored as 16-bit value
Figure 32:
AFE_SEQ_SDP Register
AFE_SEQ_SDM1 Register (Addr: 0x3C)
The AFE_SEQ_SDM1 register sets the synchronous
demodulator negative multiplication time 1. Data is stored as
16-bit value
Figure 33:
AFE_SEQ_SDM1 Register
AFE_SEQ_SDM2 Register (Addr: 0x40)
The AFE_SEQ_SDM2 register sets the synchronous
demodulator negative multiplication time 2. Data is stored as
16-bit value
Figure 34:
AFE_SEQ_SDM2 Register
Addr: 0x38
AFE_SEQ_SDP
Bit
Bit Name
Default
Access
Description
31:16
seq_sdp_start
0x0000
R/W
Positive multiplication start time
15:0
seq_sdp_stop
0x0000
R/W
Positive multiplication stop time
Addr: 0x3C
AFE_SEQ_SDM1
Bit
Bit Name
Default
Access
Description
31:16
seq_sdm1_start
0x0000
R/W
Negative multiplication start time 1
15:0
seq_sdm1_stop
0x0000
R/W
Negative multiplication stop time 1
Addr: 0x40
AFE_SEQ_SDM2
Bit
Bit Name
Default
Access
Description
31:16
seq_sdm2_start
0x0000
R/W
Negative multiplication start time 2
15:0
seq_sdm2_stop
0x0000
R/W
Negative multiplication stop time 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com