Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 11Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 12Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 13Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 14Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 15Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 16Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 17Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 18Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 11
(This specification is subject to change without prior notice)
5.1.11
RA (MCUC: CPU Power Saving, PLL, Main Clock Selection,
R Page)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IDLE
ENPLL
CLK2
CLK1
CLK0
0
STA_VR
RPAGE
R/W-0
R/W-0
R/W-0
R/W-0
RW-0
R-0
R-1
RW-0
Bit 7 (IDLE): Idle mode/Sleep mode select bit
0: Sleep mode
1: Idle mode
This bit will determine which mode to go after SLEP instruction.
These two modes can be awakened by TCC clock, Watchdog timer
(WDT), Ports 97~96, or Ports 70~73,
and run from “SLEP” next
instruction.
Wakeup
Signal
Sleep mode
Idle mode
Green mode
Normal mode
RA(7,6) = (0,0)
+ SLEP
RA(7,6) = (1,0)
+ SLEP
RA(7,6) = (x,0)
no SLEP
RA(7,6) = (x,1)
no SLEP
TCC time out
x
Wake-up
+ Interrupt
+ Next instruction
Interrupt
Interrupt
WDT time out
Reset
Wake-up
+ Next instruction
Reset
Reset
Ports 96, 97
Reset
Wake-up
+ Next instruction
x
x
Ports 70 ~ 73
Reset
Wake-up
+ Interrupt
+ Next instruction
Interrupt
Interrupt
P73 ~ P70's wakeup functions are controlled by IOCF (1, 2, 3) and ENI
instructions.
CONT REGISTER Bit 7 defines whether P70's wakeup signal is a rising
or falling edge.
Port 97, Port 96, Port 73, Port 72 and Port 71's wake-up patterns are
falling edge trigger signals.
Bit 6 (ENPLL): PLL's power control bit is CPU mode control register
0: Disable PLL
1: Enable PLL
If PLL is enabled, CPU will operate at normal mode (high frequency).
Otherwise, it will run at green mode (low frequency, 32768 Hz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com