Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 26 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 22Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 23Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 24Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 25Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 26Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 27Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 28Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 29Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
eLD5016
8-Bit Microcontroller
22
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
5.2.11 IOCD (P7PHC)
Page 1 (P7PHC: Port 7 Pull high control)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PH7
PH6
PH5
PH4
PH3
PH2
PH1
PH0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bits 7 ~ 0 (PH7 ~ 0): Port 7 Pull high control bits
0: Disable internal pull-high
1: Enable internal pull-high
These control bits are used to enable the pull-high of Port 7 (0 ~ 7) pins.
5.2.12 IOCE (CNPSC)
Page 1 (CNPSC: Counter 1, 2 Clock Source and Prescaler)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CNT2S
C2_PSC2 C2_PSC1 C2_PSC0
CNT1S
C1_PSC2 C1_PSC1 C1_PSC0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 7 (CNT2S): Counter 2 source
0: 32768Hz
1: Instruction clock which Instruction clock period = 2 x Main clock
period
Bits 6 ~ 4 (C2_PSC2 ~ C2_PSC0):
Counter 2 prescaler setting, described in
the following table.
Bit 3 (CNT1S): Counter1 source
0: 32768Hz
1: Instruction clock which Instruction clock period = 2 x Main clock
period
Bits 0 ~ 2 (C1_PSC2 ~ C1_PSC0):
Counter 1 prescaler setting, described in
the following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com