Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 30 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 30 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 26Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 27Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 28Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 29Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 32Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 33Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 34Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
eLD5016
8-Bit Microcontroller
26
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
5.5 Reset and Wake-up
A RESET can be caused by:
(1) External /RESET pin
(2) Power on reset or Power on voltage detector reset (/POVD reset)
(3) WDT timeout (If enabled and in Green or Normal mode)
Note that only Power on reset or Power on voltage detector reset in Case (2) are
enabled in the system by Code Option bit. If /POVDs are disabled, Power on reset is
selected in Case (2). Refer to Figure 5-9.
Figure 5-9 Block Diagram of Reset of controller
Once RESET occurs, the following functions are performed.
The oscillator is running, or will be started.
The Program Counter (R2) is set to all "0".
When power on, the upper 3 bits of R3 and the upper 2 bits of R4 are cleared.
The Watchdog timer and prescaler are cleared.
The Watchdog timer is disabled.
The CONT register is set to all "1".
The other registers (Bit 7...Bit 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com