Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 23Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 24Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 25Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 26Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 27Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 28Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 29Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 23
(This specification is subject to change without prior notice)
Reset = (0,0,0)
(C1_PSC2, C1_PSC1, C1_PSC0)
(C2_PSC2, C2_PSC1, C2_PSC0)
Scaler Ratio
(0,0,0)
1:1
(0,0,1)
1:2
(0,1,0)
1:4
(0,1,1)
1:8
(1,0,0)
1:16
(1,0,1)
1:32
(1,1,0)
1:64
(1,1,1)
1:128
5.2.13 IOCF (Interrupt Mask Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
CNT2
CNT1
INT2/INT3
INT1
INT0
TCIE
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bits 7 ~ 6:
Undefined bits, set to
“0” at all time
Bits 5 ~ 0:
Interrupt enable bit
0: Disable interrupt
1: Enable interrupt, Instruction clock period = 2 x Main clock period
Individual interrupt is enabled by setting its associated control bit in the
IOCF to "1".
Global interrupt is enabled by the ENI instruction and is disabled by the
DISI instruction.
The IOCF Register is both readable and writable. They work with RF
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com