Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 24Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 25Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 26Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 27Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 28Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 29Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
eLD5016
8-Bit Microcontroller
24
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
5.3 TCC / WDT and Prescaler
An 8-bit counter is available as prescaler for either TCC or WDT.
An 8-bit counter is available for either TCC or WDT, determined by the status of Bit
3 (PAB) of the CONT register.
See the prescaler ratio in the CONT register.
Figures 5-7 depict the circuit diagram of TCC/WDT.
Both TCC and the prescaler will be cleared by instructions which write to TCC each
time.
The prescaler will be cleared by the WDTC and SLEP instructions when assigned
to WDT mode.
The prescaler will not be cleared by SLEP instructions when assigned to TCC
mode.
Instruction cycle clock
M
U
X
TS
PAB
M
U
X
SYNC
2 cycles
TCC overflow
interrupt
Data Bus
TCC(R1)
PSR0 ~ PSR2
8-bit Counter
8-to-1 MUX
MUX
PAB
WDT timeout
PAB
M
U
X
WDT
WDTE
16.384kHz
Figure 5-7 TCC and WDT Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com