Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 17Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 18Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 19Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 20Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 21Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 22Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 23Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 24Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 17
(This specification is subject to change without prior notice)
Bits 2 ~ 0 (PSR2 ~ PSR0): TCC / WDT prescaler bits
PSR2
PSR1
PSR0
TCC Rate
WDT Rate
0
0
0
1:2
1:1
0
0
1
1:4
1:2
0
1
0
1:8
1:4
0
1
1
1:16
1:8
1
0
0
1:32
1:16
1
0
1
1:64
1:32
1
1
0
1:128
1:64
1
1
1
1:256
1:128
5.2.3 IOC5 (P5IOC, CDAC)
Page 0 (P5IOC: Port 5 I/O Control, P7 (7, 6) Open Drain)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IOC57
IOC56
IOC55
IOC54
0
0
OP77
OP76
R/W-1
R/W-1
R/W-1
R/W-1
RW-0
RW-0
RW-0
RW-0
Bits 7 ~ 4 (IOC57 ~ IOC54): Port 5 (4 ~ 7) I/O direction control register
0: put the relative I/O pin as output
1: put the relative I/O pin into high impedance
Bits 3 ~ 2:
Undefined bits, set to
“0” at all time
Bit 1 (OP77): P77 open-drain control bit
0: Disable open-drain output
1: Enable open-drain output
Bit 0 (OP76): P76 open-drain control bit
0: Disable open-drain output
1: Enable open-drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com