Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 23 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 19Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 20Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 21Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 22Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 23Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 24Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 25Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 26Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 27Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 19
(This specification is subject to change without prior notice)
VOL3 ~ 0
Max. Voice Output Current (mA)
1010
5 x 11 / 16 mA = 3.4375 mA
1011
5 x 12 / 16 mA = 3.75 mA
1100
5 x 13 / 16 mA = 4.0625 mA
1101
5 x 14 / 16 mA = 4.375 mA
1110
5 x 15 / 16 mA = 4.6875 mA
1111
5 mA
5.2.4 IOC6 (P6IOC)
Page 0 (P6IOC: Port 6 I/O Control)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IOC67
IOC66
IOC65
IOC64
IOC63
IOC62
IOC61
IOC60
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bits 7 ~ 0 (IOC67 ~ IOC60): Port 6 (7 ~ 0) I/O direction control register
0: put the relative I/O pin as output
1: put the relative I/O pin into high impedance
5.2.5 IOC7 (P7IOC, VRAH)
Page 0 (P7IOC: Port 7 I/O Control)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IOC77
IOC76
IOC75
IOC74
IOC73
IOC72
IOC71
IOC70
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bits 7 ~ 0 (IOC77 ~ IOC70): Port 7 (0~7) I/O direction control register
0: put the relative I/O pin as output
1: put the relative I/O pin into high impedance
Page 1 (VRAH: Voice ROM Address (8~15))
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VRA15
VRA14
VRA13
VRA12
VRA11
VRA10
VRA9
VRA8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bits 7 ~ 0 (VRA15 ~ 8): Voice ROM address register bit (15 ~ 8)
Voice ROM address can be accessed to a maximum of 40k-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com