Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 22 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 18Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 19Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 20Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 21Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 22Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 23Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 24Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 25Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
eLD5016
8-Bit Microcontroller
18
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
Page 1 (CDAC: Clear CDA Data, Voice Synthesizer Sampling Rate and Volume
Control)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CLDA
RATE2
RATE1
RATE0
VOL3
VOL2
VOL1
VOL0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 7 (CLDA):Current D/A data clear enable control
0: Disable
1: Enable
When this bit is set (enabled), the internal Current D/A data will be
cleared and its output will go to ground level with the VOICE pin
connecting a resistor to ground. After setting this bit, remember to clear
(disable) it again otherwise it will keep outputting to ground level no
matter if voice ROM is playing or not.
Bits 6 ~ 4 (RATE2 ~ 0): Voice synthesizer sampling rate control
RATE2 ~ 0
Sampling Rate
000
x
001
x
010
32768 Hz / 2 = 16384 Hz
011
32768 Hz / 3 = 109227 Hz
100
32768 Hz / 4 =
8192 Hz
101
32768 Hz / 5 = 65536 Hz
110
32768 Hz / 6 = 54313 Hz
111
32768 Hz / 7 = 46811 Hz
Bits 3 ~ 0 (VOL3 ~ 0): Voice synthesizer volume control
VOL3 ~ 0
Max. Voice Output Current (mA)
0000
0
0001
5 x 2 / 16 mA = 0.625 mA
0010
5 x 3 / 16 mA = 0.9375 mA
0011
5 x 4 / 16 mA = 1.25 mA
0100
5 x 5 / 16 mA = 1.5625 mA
0101
5 x 6 / 16 mA = 1.875 mA
0110
5 x 7 / 16 mA = 2.1875 mA
0111
5 x 8 / 16 mA = 2.5 mA
1000
5 x 9 / 16 mA = 2.8125 mA
1001
5 x 10 / 16 mA = 3.125 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com