Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 10Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 11Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 12Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 13Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 14Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 15Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 16Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 17Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
eLD5016
8-Bit Microcontroller
10
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
5.1.7 R6 (P6IOD: Port 6 I/O Data)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P67
P66
P65
P64
P63
P62
P61
P60
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 ~ 0 (P67 ~ P60): 8-bit Port 6 (0~7) I/O data register
User can use the IOC register to define each bit as input or output.
5.1.8 R7 (P7IOD: Port 7 I/O Data)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P77
P76
P75
P74
P73
P72
P71
P70
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 ~ 0 (P77 ~ P70): 8-bit Port 7 (0~7) I/O data register
User can use the IOC register to define each bit as input or output.
5.1.9 R8 (P8IOD: Port 8 I/O Data)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
P83
P82
P81
P80
R-0
R-0
R-0
R-0
R/W
R/W
R/W
R/W
Bits 7 ~ 4:
U
ndefined bits, always “0”
Bits 3 ~ 0 (P83 ~ P80): 4-bit Port 8 (3~0) I/O data register
User can use the IOC register to define each bit as input or output.
5.1.10 R9 (P9IOD: Port 9 I/O Data)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P97
P96
0
0
0
0
0
0
R/W
R/W
R-0
R-0
R-0
R-0
R-0
R-0
Bits 7 ~ 6 (P97, P96): 2-bit Port 9 (7~6) I/O data register
User can use the IOC register to define each bit as input or output.
Bits 5 ~ 0:
Undefined bits, set to
“0” at all time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com