Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 9Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 10Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 11Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 12Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 13Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 14Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 15Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 16Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 9
(This specification is subject to change without prior notice)
Bits 5 ~ 0 (RSR5 ~ 0): Indirect addressing for common registers R20 ~ R3F
RSR bits are used to select up to 32 registers (R20 to R3F) in indirect
addressing mode. For the Data Memory Configuration, refer to Figure
5-3.
5.1.6 R5 (P5IOD: Port 5 I/O Data, Program ROM Page Select)
Page 0 (P5IOD: Port 5 I/O Data)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P57
P56
P55
P54
PS3
PS2
PS1
PS0
R/W
R/W
R/W
R/W
R/W-0
R/W-0
R/W-0
R/W-0
Bits 7 ~ 4 (P57 ~ P54): 4-bit Port 5 (7 ~ 4) I/O data register
Bits 3 ~ 0 (PS3 ~ 0): Page selection bits
They should be set before JMP or CALL instruction.
Page select bits
PS3
PS2
PS1
PS0
Program Memory Page (Address)
0
0
0
0
Page 0
0
0
0
1
Page 1
0
0
1
0
Page 2
0
0
1
1
Page 3
:
:
:
:
:
1
1
1
0
Page 14
1
1
1
1
Page 15
User can use PAGE instruction to change page and maintain program
page by user. Otherwise, user can use far jump (FJMP) or far call
(FCALL) instructions to program user's code. The program page is
maintained by Elan's compiler. It will change user's program by inserting
instructions within the program.
Page 1 (CDAD: Current DAC Input Data Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CDAD7
CDAD6
CDAD5
CDAD4
CDAD3
CDAD2
CDAD1
CDAD0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bits 7 ~ 0 (CDAD7 ~ 0):
Current DAC input data buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com