Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  ELD5016 Datasheet HTML 1Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 2Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 3Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 4Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 5Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 6Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 7Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 8Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 1
(This specification is subject to change without prior notice)
1
General Description
This is an 8-bit RISC type microprocessor with low power, high speed CMOS technology.
Integrated onto a single chip are on-chip Watchdog Timer (WDT), RAM, ROM, programmable
real time clock/counter, internal interrupt, power down mode, ASPCM voice synthesizer
(decoder), voice ROM, Current DAC, and tri-state I/O. It provides a single IC solution to design an
electric wall mount clock.
2
Features
Single power supply
Operating voltage range:
 2.5V ~ 3.6V (Normal mode under 14.331 MHz ~
17.913 MHz)
 2.2V ~ 3.6V (Normal mode under 447.829kHz ~
14.331 MHz)
 2.2V ~ 3.6V (Sleep/Idle/Green mode)
CPU
 8-bit RISC kernel
 99.9% single instruction cycle commands
Clock
 32.768 kHz clock source
 Built-in PLL to generate main clock 3.5826 MHz
x 0.125, 0.25, 0.5, 1, 2, 3, 4 or 5
Timer and Counter
 Watchdog: Programmable free running on-chip
Watchdog Timer
 TCC: 8-bit real time clock/counter (TCC) with
8-bit prescaler
 Counter 1: 8-bit counter with 8-bit prescaler can
be an interrupt source
 Counter 2: 8-bit counter with 8-bit prescaler can
be an interrupt source
Memory
 16k x 13 on-chip program ROM
 40k x 5 on-chip voice ROM (the max. timing
from voice ROM enable to its data finish = 1.25
µs)
 0.25k x 8 on-chip Data RAM
 144 x 8 common registers
I/O
 Up to 26 bi-directional tri-state I/O ports (18
independent I/O)
 I/O with internal Pull high, wake-up and
interrupt functions
 Operation Mode
Three modes can be selected (Main clock is
generated by internal PLL)
Mode
CPU Status Main Clock 32768 Hz Clock
Sleep mode
Turn off
Turn off
Turn off
Idle mode
Turn off
Turn off
Turn on
Green mode
Turn on
Turn off
Turn on
Normal mode
Turn on
Turn on
Turn on
Interrupt
 Selective signal sources and overflow interrupt
 Stack: 8-level stack for subroutine nesting
 Eight interrupt sources: 4 external, 4 internal
Reset
 Power-on reset, /POVD reset (by code option)
or external /RESET pin
DAC
 8-bit current DAC
 Can be accessed by ASPCM hardware or from
DAC input register
Package
 42-pad die (eLD5016H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com