Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 8Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 9Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 10Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 11Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 12Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 13Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 14Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 15Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
eLD5016
8-Bit Microcontroller
8
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
5.1.4 R3 (STA: IOC Page, Status Flags)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IOCPAGE
-
-
T
P
Z
DC
C
R/W-0
R-0
R-0
R
R
R/W
R/W
R/W
Bit 7 (IOCPAGE): Change IOC5 ~ IOCE to another page
0: IOC PAGE0
1: IOC PAGE1
Bits 6 ~ 5:
Undefined bits, set to
“0” at all time
Bit 4 (T):
Time-out bit
Set to “1” with "SLEP" and "WDTC" commands or during power up, and
reset to “0” by WDT time-out.
Bit 3 (P):
Power down bit
Set to “1” during power on or by a "WDTC" command, and reset to “0” by
a "SLEP" command.
Event
T
P
Remark
WDT wake up from sleep mode
0
0
WDT time out (not sleep mode)
0
1
/RESET wake up from sleep
1
0
power up
1
1
Low pulse on /RESET
x
x
X:
Don’t care
Bit 2 (Z):
Zero flag
Set to "1" if the result of an arithmetic or logic operation is zero.
Bit 1 (DC):
Auxiliary carry flag
Bit 0 (C):
Carry flag
5.1.5 R4 (RBSR: RAM Bank, RAM Select for Common Registers
R20 ~ R3F)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RB1
RB0
RSR5
RSR4
RSR3
RSR2
RSR1
RSR0
R/W-0
R/W-0
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 ~ 6 (RB1 ~ 0):
Bank select bits for Common Registers R20 ~ R3F
These select bits are used to determine which bank is activated among
the four banks for 32 registers (R20 to R3F). Refer to Figure 5-3 Control
Register Configuration for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com