Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 38 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 38 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 32Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 33Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 34Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 35Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 36Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 37Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 38Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
eLD5016
8-Bit Microcontroller
34
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
8
Timing Diagrams
AC Test Input/Output Waveform
0.4
TEST POINTS
2.4
2.0
0.8
2.0
0.8
Note: AC Testing: Input are driven at 2.4V for Logic
“1” and 0.4V for Logic “0”
Timing measurements are made at 2.0V for Logic
“1” and 0.8V for Logic “0”
Figure 8-1a AC Test Input/Output Waveform Timing Diagram
Reset Timing (CLK = "0")
NOP
Instruction 1
Executed
Tdrh
CLK
/RESET
Figure 8-1b Reset Timing Diagram
TCC Input Timing
ins
tcc
CLK
TCC
Figure 8-1c TCC Input Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com