Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 16Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 17Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 18Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 19Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 20Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 21Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 22Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 23Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
eLD5016
8-Bit Microcontroller
16
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
5.2 Special Function Registers
5.2.1 A (Accumulator)
Internal data transfer operation, or instruction operand holding usually involves the
temporary storage function of the Accumulator, which is not an addressable register.
5.2.2 CONT (Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_EDGE
INT
TS
-
PAB
PSR2
PSR1
PSR0
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
The CONT register is both readable and writable by instruction
“CONTW” and
“CONTR”.
Bit 7 (INT_EDGE): interrupt edge type of P70
0: P70's interrupt sources are rising and falling edge signals.
1: P70's interrupt source is a falling edge signal.
Bit 6 (INT):
Interrupt Enable flag
0: Masked by DISI or hardware interrupt
1: Enabled by ENI / RETI instructions
Bit 5 (TS):
TCC signal source
0: Instruction clock
1: 16384 Hz
Instruction clock = MCU clock / 2. Refer to RA Bits 4 ~ 6 for PLL and
Main clock selection. See Figure 5-5 for details.
Bit 4:
Undefined bits, set to
“0” at all time
Bit 3 (PAB): Prescaler Assignment Bit
0: TCC
1: WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com