Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 6Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 7Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 8Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 9Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 10Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 11Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 12Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 13Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
eLD5016
8-Bit Microcontroller
6
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
The configuration structure generates 16k
 13 bits on-chip ROM addresses to the
relative programming instruction codes. One program page is 1024 words long.
R2 is set as all "0" under RESET condition.
"JMP" instruction allows direct loading of the lower 10 program counter bits. Thus,
"JMP" allows the PC to go to any location within a page.
"CALL" instruction loads the lower 10 bits of the PC, and then PC + 1 are pushed
onto the stack. Thus, the subroutine entry address can be located anywhere within
a page.
"RET" ("RETL k", "RETI") instruction loads the program counter with the contents
of the top-level stack.
Any instruction written to R2 (e.g.,
“ADD R2, A”, "MOV R2, A", "BC R2,6", etc.) will
cause the 9th and the 10th bits (A8 ~ A9) of the PC to be cleared. Hence, the
computed jump is limited to the first 256 locations of a page.
"TBL" allows a relative address to be added to the current PC while contents of the
9th and the 10th bits remain unchanged. The most significant bits (A10 ~ A13) will be
loaded with the content of bit PS0 ~ PS3 in the status register (R5) upon the
execution of a "JMP", "CALL", "ADD R2, A'', or "MOV R2, A'' instruction.
The Data Memory Configuration is as follows:
R PAGE Registers
IOC PAGE
Addr
R PAGE0
R PAGE1
IOC PAGE0
IOC PAGE1
00
INDA
Indirect addressing
01
TCCD
TCC data
02
PC
Program counter
03
STA
IOC Page, Status
04
RBSR
Register bank, RSR
05
P5IOD
CDAD
P5IOC
CDAC
Port 5 I/O data, Program
page
Current DAC
input data
Port 5 I/O
control,
(P76, P77)
open drain
Clear CDA, ASPCM rate
and volume control
06
P6IOD
P6IOC
Port 6 I/O data
Port 6 I/O
control
(undefined, non-existent
and set to
“0” at all time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com