Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 29Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 32Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 33Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 34Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 35Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 36Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 29
(This specification is subject to change without prior notice)
5.7 Instruction Set
Instruction set has the following features:
(1) Every bit of any register can be set, cleared, or tested directly.
(2) The I/O register can be regarded as general register. That is, the same instruction
can operate on I/O register.
The symbol "R" represents a register designator which specifies which one of the 64
registers (including operational registers and general purpose registers) is to be utilized
by the instruction. Bits 6 and 7 in R4 determine the selected register bank. "b''
represents a bit field designator which selects the number of the bit, located in the
register "R'', affected by the operation. The symbol "k'' represents an 8 or 10-bit
constant or literal value.
Mnemonic
Operation
Status Affected
NOP
No Operation
None
DAA
Decimal Adjust A
C
CONTW
A
 CONT
None
SLEP
0
 WDT, Stop oscillator
T, P
WDTC
0
 WDT
T, P
IOW
R
A
 IOCR
None
ENI
Enable Interrupt
None
DISI
Disable Interrupt
None
RET
[Top of Stack]
 PC
None
RETI
[Top of Stack]
 PC
Enable Interrupt
None
CONTR
CONT
 A
None
IOR
R
IOCR
 A
None
TBL
R2+A
 R2 Bits 9,10 do not clear
Z, C, DC
MOV
R,A
A
 R
None
CLRA
0
 A
Z
CLR
R
0
 R
Z
SUB
A,R
R-A
 A
Z, C, DC
SUB
R,A
R-A
 R
Z, C, DC
DECA
R
R-1
 A
Z
DEC
R
R-1
 R
Z
OR
A,R
A
 VR  A
Z
OR
R,A
A
 VR  R
Z
AND
A,R
A & R
 A
Z
AND
R,A
A & R
 R
Z
XOR
A,R
A
 R  A
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com