Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 12Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 13Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 14Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 15Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 16Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 17Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 18Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 19Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
eLD5016
8-Bit Microcontroller
12
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
Sub-clock
32.768kHz
switch
0
1
System
clock
LPF
1/N
1/M
447.8293kHz ~17.9132MHz
ENPLL
CLK2 ~ CLK0
PLL
Figure 5-5
Correlation between 32768 Hz and Main clock
Bits 5 ~ 3 (CLK2 ~ 0): Main clock select bits.
User can choose different frequencies for the main clock through CLK1
and CLK2. All clock selections are listed below.
PLLEN
CLK2
CLK1
CLK0
Sub clock
Main clock
CPU clock
1
0
0
0
32768 Hz
447.829 kHz
447.829 kHz (Normal mode)
1
0
0
1
32768 Hz
895.658 kHz
895.658 kHz (Normal mode)
1
0
1
0
32768 Hz
1.791 MHz
1.791 MHz (Normal mode)
1
0
1
1
32768 Hz
3.582 MHz
3.582 MHz (Normal mode)
1
1
0
0
32768 Hz
7.165 MHz
7.165 MHz (Normal mode)
1
1
0
1
32768 Hz
10.747 MHz
10.747 MHz (Normal mode)
1
1
1
0
32768 Hz
14.331 MHz
14.331 MHz (Normal mode)
1
1
1
1
32768 Hz
17.913 MHz
17.913 MHz (Normal mode)
0
D
on’t care
32768 Hz
D
on’t care
32768 Hz (Green mode)
Bit 2: Undefined bit, set to
“0” at all time
Bit 1 (STA_VR):
Status flag for voice ROM operation
0: Voice ROM busy
1: Voice ROM data ready
When this flag is “0”, the bus of the voice ROM is busy processing its
data. When this flag is “1”, the bus of the Voice ROM is on standby and
its data is ready for users to read.
Bit 0 (RPAGE): Change R PAGE 5 to another page
0: R5 PAGE0
1: R5 PAGE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com