Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 24 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 24 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 20Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 21Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 22Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 23Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 24Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 25Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 26Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 27Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 28Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
eLD5016
8-Bit Microcontroller
20
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
5.2.6 IOC8 (P8IOC, VRAL)
Page 0 (P8IOC: Port 8 I/O Control)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
IOC83
IOC82
IOC81
IOC80
R-0
R-0
R-0
R-0
R/W-1
R/W-1
R/W-1
R/W-1
Bits 7 ~ 4:
Undefined bits, set to
“0” at all time
Bits 3 ~ 0 (IOC83 ~ IOC80): Port 8 (0~3) I/O direction control register
0: put the relative I/O pin as output
1: put the relative I/O pin into high impedance
Page 1 (VRAL: Voice ROM Address (0~7))
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VRA7
VRA6
VRA5
VRA4
VRA3
VRA2
VRA1
VRA0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bits 7 ~ 0 (VRA7 ~ 0): voice ROM address register bit (7 ~ 0)
Voice ROM address can be accessed to a maximum of 40k-1.
5.2.7 IOC9 (P9IOC, VRD)
Page 0 (P9IOC: Port 9 I/O Control)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IOC97
IOC96
0
0
0
0
0
0
R/W-1
R/W-1
R-0
R-0
R-0
R-0
R-0
R-0
Bits 7 ~ 6 (IOC97 ~ IOC96): Port T9 (7 ~ 6) I/O direction control register
0: put the relative I/O pin as output
1: put the relative I/O pin into high impedance
Bits 5 ~ 0:
Undefined bits, set to
“0” at all time
Page 1 (VRD: Voice ROM Data)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
VRD4
VRD3
VRD2
VRD1
VRD0
R-0
R-0
R-0
R/W
R/W
R/W
R/W
R/W
Bits 7 ~ 5:
Undefined bits, set to
“0” at all time
Bits 4 ~ 0 (VRD4 ~ 0): 8-bit voice ROM data register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com