Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 32Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 33Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 34Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 35Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 36Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 37Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 38Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 31
(This specification is subject to change without prior notice)
5.8
Code Option Register
The IC has one CODE option register which is not part of the normal program memory.
The option bits cannot be accessed during normal program execution.
12
11
10
9
8
7
6
5
4
3
2
1
0
/POVD
Bits 12 ~ 1:
Undefined bits, set to
“0” at all time
Bit 0 (/POVD): Power on voltage detector reset.
0: Enable
1: Disable
The /POVD reset voltage when VDD = 3.3V is as follows.
/POVD
Reset Type
Sleep Mode Current
1
1.6V Power on reset
1
A
0
1.8V /POVD reset
6
A
Note: When /POVD is disabled, the CPU is reset by power on reset
circuit. When /POVD is enabled, the CPU is reset by /POVD reset circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com