Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 13Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 14Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 15Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 16Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 17Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 18Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 19Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 20Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 13
(This specification is subject to change without prior notice)
5.1.12 RB (ASPC: ASPCM Control)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
PLAY
S/P
-
-
-
-
R-0
R-0
R/W-0
R/W-0
R-0
R-0
R-0
R-0
Bits 7 ~ 6:
Undefined bits, set to
“0” at all time
Bit 5 (PLAY): voice-playing control
0: Disable voice-playing
1: Enable voice-playing
PLAY
S/P
Function
Description
1  0
0
Stop-playing
The playing address is reset to the beginning of
the play. D/A data is reset.
1
Pause-playing
The playing address is not reset.
0  1
0
Playing from stop
The playing address is reset to the beginning of
the play. D/A data is reset. Then it begins to play.
1
Playing from pause
The playing address is not reset and it plays again.
Note: While playing voice by setting (PLAY, S/P) = (1, 0) or (1, 1), if the
play comes to an end (meet the stop code), the (PLAY, S/P) bits will
automatically clear to (0, 0).
Bit 4 (S/P):
Setting for voice stop-playing and voice pause-playing
0: Voice stop-playing
1: Voice pause-playing
Bits 3 ~ 0:
Undefined bits, set to
“0” at all time
5.1.13 RC (RAMA: Data RAM Address)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DATAA7
DATAA6
DATAA5
DATAA4
DATAA3
DATAA2
DATAA1
DATAA0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bits 7 ~ 0 (DATAA7 ~ 0): Data RAM address
User can select Data RAM Address from 0 to 255.
5.1.14 RD (RAMD: Data RAM Data Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DATAD7
DATAD6
DATAD5
DATAD4
DATAD3
DATAD2
DATAD1
DATAD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 ~ 0 (DATAD7 ~ 0): Data RAM data register.
User can see the IOCA register as to how to select Data RAM banks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com