Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 3Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 4Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 5Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 6Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 7Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 8Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 9Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 10Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 3
(This specification is subject to change without prior notice)
4
Pin Description
Name
Function
Input
Type
Output
Type
Description
Power
IOVDD
Power
VDD for I/O
VDD
Power
VDD for other circuit
IOVSS
Ground
GND for I/O
VSS
Ground
GND for circuit
Clock for MCU
XIN
XTAL
Input pin for 32768 Hz crystal
XOUT
XTAL
Output pin for 32768 Hz crystal
PLLC
AN
Phase locked loop capacitor; connect a 0.01µ to
0.047µ capacitor to the ground.
Current DAC
Voice
AN
DAC output
Test
TEST
ST
Test pin into test mode, normal low
Reset
/RESET
ST
Reset input. Low enable
I/O
P54 ~ P57
P54 ~ P57
ST
CMOS
Bidirectional I/O pin
P60 ~ P67
P60 ~ P67
ST
CMOS
Bidirectional I/O pin
P70 / INT0
P71 / INT1
P72 / INT2
P73 / INT3
P70 ~ P73
ST
CMOS
Bidirectional I/O pin with programmable pull- high
INT0~INT3
ST
External interrupt pin triggered by a falling edge
P74 ~ P75
P74 ~ P75
ST
CMOS
Bidirectional I/O pin
P76, P77
P76, P77
ST
CMOS
Bidirectional I/O pin with programmable open-drain
P80 ~ P83
P74 ~ P77
ST
CMOS
Bidirectional I/O pin
P96, P97
P96, P97
ST
CMOS
Bidirectional I/O pin and wake-up pin from sleep
mode when the pin status changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com