Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 32Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 33Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 34Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 35Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 36Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 37Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 38Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
eLD5016
8-Bit Microcontroller
32
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
6
Absolute Maximum Ratings
Items
Rating
DC Supply Voltage
2.1V
to
3.6V
Input Voltage
VSS - 0.3V
to
VDD + 0.5V
Operating Temperature Range
- 40
C
to
85
C
Note: *These parameters are theoretical values and have not been tested.
7
Electrical Characteristics
7.1 DC Characteristics
(TA = -40
C ~ 85C, VDD = 3.3V  5%, VSS = 0V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
IIL1
Input Leakage Current for input pins
VIN = VDD, VSS
-
-
1
A
IIL2
Input Leakage Current for
bi-directional pins
VIN = VDD, VSS
-
-
1
A
VIH
Input High Voltage
2.5
-
-
V
VIL
Input Low Voltage
-
0.8
V
VIHT
Input High Threshold Voltage
/RESET, TCC, RDET1
2.0
-
V
VILT
Input Low Threshold Voltage
/RESET, TCC,RDET1
-
-
0.8
V
VIHX
Clock Input High Voltage
OSCI
3.5
-
-
V
VILX
Clock Input Low Voltage
OSCI
-
-
1.5
V
IOH
Output High Drive Current
VOH = 2.72V @ VDD = 3.0V
-
7.5
-
mA
IOL
Output Low Sink Current
(Port 6 / 7, P80 and P81)
VOL = 0.67V
-
76.5
-
mA
(Port 5 / 9, P82, and P83)
-
42
-
mA
IPH
Pull-high current
Pull-high active input pin at VSS
-
-15
-20
A
ISB1
Power down current
(Sleep mode, POVD disable)
All input and I/O pin at VDD, output
pin floating, WDT disabled
-
1
4
A
Power down current
(Sleep mode, POVD enable)
-
5
15
A
ISB2
Low clock current
(Green mode, POVD disable)
CLK = 32768 Hz, All input and I/O
pin at VDD, output pin floating,
WDT disabled, other analog
Circuits disabled
-
35
50
A
Low clock current
(Green mode, POVD enable)
-
45
65
A
ISB4
Low clock current
(Green mode, POVD disable)
CLK = 32768 Hz, All input and I/O
pin at VDD, output pin floating,
WDT disabled, other analog
Circuits disabled
-
55
75
A
Low clock current
(Green mode, POVD enable)
-
65
90
A
ICC
Operating supply current
(CPU enable)
/RESET = High, CLK = 3.58MHz,
Output pin floating, other analog
circuits disabled
-
0.48
1.0
mA
Note: *These parameters are theoretical values and have not been tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com