Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 37 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 37 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 32Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 33Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 34Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 35Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 36Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 37Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 38Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 33
(This specification is subject to change without prior notice)
Current D/A (TA = -40
C ~ 85C, VDD = 3.3V  5%, VSS = 0V)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ICC
Max. output current for Current D/A
IOC5 PAGE1 bit0 ~ 3 =1111
3
5
6
mA
7.2
AC Characteristics
TA = 25C, VDD = 3.3V, VSS = 0V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Dclk
Input CLK duty cycle
-
45
50
55
%
Tins
Instruction cycle time
32.768 Hz
3.5826MHz
-
60
550
-
µs
ns
Tdrh
Device delay hold time
-
-
18
-
ms
Ttcc
TCC input period
Note 1
(Tins + 20) / N
-
-
ns
Twdt
Watchdog timer period
Ta = 25
C
-
18
-
ms
Tdiea
Delay from Phase 3 end to INSEND active
Cl=100pF
-
-
30
ns
Tdiei
Delay from Phase 4 end to INSEND inactive
Cl=100pF
-
-
30
ns
Tiew
INSEND pulse width
-
30
-
-
ns
Tdca
Delay from Phase 4 end to CA Bus valid
C1=100pF
-
-
30
ns
Tacc
ROM data access time
-
100
-
-
ns
Tcds
ROM data setup time
-
20
-
-
ns
Tcdh
ROM data hold time
-
20
-
-
ns
Tdca-1
Delay time of CA-1
C1=100pF
-
-
30
ns
Note: These parameters are theoretical values and have not been tested.
*N = selected prescaler ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com