Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 14Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 15Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 16Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 17Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 18Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 19Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 20Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 21Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
eLD5016
8-Bit Microcontroller
14
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
5.1.15
RE (WUPC: Wake-up Control)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
/WDTE
/WUP97
/WUP96
0
0
0
0
R-0
R/W-0
R/W-0
R/W-0
R-0
R-0
R-0
R-0
Bit 7:
1 bit, set to
“0” at all time
Bit 6 (/WDTE): Watchdog Timer enable control bit
0: Disable WDT
1: Enable WDT
Bit 5 (/WUP97): Port 9 Bit 7 wake-up control
0: Disable
1: Enable
Bit 4 (/WUP96): Port 9 Bit 6 wake-up control
0: Disable
1: Enable
/WUP96
Port 96
/WUP97
Port 97
/WDTE
/WDTEN 0/1 = enable/disable
Figure 5-6 Wake up Function and Control Signal
Bits 3 ~ 0:
Undefined bits, set to
“0” at all time
5.1.16
RF (INTF: Interrupt Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
CNT2
CNT1
INT2/INT3
INT1
INT0
TCIF
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Note:
“1
” means with interrupt request
“0
” means no interrupt occurs
Bits 7 ~ 6:
Undefined bits, set to
“0” at all time
Bit 5 (CNT2): 8 bit Counter 2 overflow interrupt flag.
It will be set when Counter 2 overflows.
Bit 4 (CNT1): 8 bit Counter 1 overflow interrupt flag.
It will be set when Counter 1 overflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com