Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD5016 Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 7Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 8Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 9Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 10Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 11Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 12Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 13Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 14Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 7
(This specification is subject to change without prior notice)
R PAGE Registers
IOC PAGE
Addr
R PAGE0
R PAGE1
IOC PAGE0
IOC PAGE1
07
P7IOD
P7IOC
VRAH
Port7 I/O data
Port 7 I/O
control
VROM Addr (8~15)
08
P8IOD
P8IOC
VRAL
Port 8 I/O date
Port 8 I/O
control
VROM Addr (0~7)
09
P9IOD
P9IOC
VRD
Port 9 I/O data
Port 9 I/O
control
VROM data
0A
MCUC
DEDC
CPU power saving, PLL,
Main clock, VROM status,
R page
DAC stop, ROM and DA
switch
0B
ASPC
CN1D
ASPCM control
Counter 1 data
0C
RAMA
CN2D
Data RAM address
Counter 2 data
0D
RAMD
P7PHC
Data RAM data
Port 7 pull high
0E
WUPC
CNPSC
Wake-up control, Port 8
high nib, switch
CNT1, 2 Clk source and
prescaler
0F
INTF
INTM
Interrupt flag
Interrupt
mask
10
16 bytes
:
Common registers
1F
20
Bank 0~Bank 3
:
Common registers
3F
(32x8 for each bank)
Figure 5-4 Data Memory Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com