Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 136 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 136 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 132Page - STMicroelectronics LSM6DSR Datasheet HTML 133Page - STMicroelectronics LSM6DSR Datasheet HTML 134Page - STMicroelectronics LSM6DSR Datasheet HTML 135Page - STMicroelectronics LSM6DSR Datasheet HTML 136Page - STMicroelectronics LSM6DSR Datasheet HTML 137Page - STMicroelectronics LSM6DSR Datasheet HTML 138Page - STMicroelectronics LSM6DSR Datasheet HTML 139Page - STMicroelectronics LSM6DSR Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 168 page
background image
15.7
SENSOR_HUB_7 (08h)
Sensor hub output register (r)
Seventh byte associated to external sensors. The content of the register is consistent with the SLAVEx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 342. SENSOR_HUB_7 register
Sensor
Hub7_7
Sensor
Hub7_6
Sensor
Hub7_5
Sensor
Hub7_4
Sensor
Hub7_3
Sensor
Hub7_2
Sensor
Hub7_1
Sensor
Hub7_0
Table 343. SENSOR_HUB_7 register description
SensorHub7[7:0]
Seventh byte associated to external sensors
15.8
SENSOR_HUB_8 (09h)
Sensor hub output register (r)
Eighth byte associated to external sensors. The content of the register is consistent with the SLAVEx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 344. SENSOR_HUB_8 register
Sensor
Hub8_7
Sensor
Hub8_6
Sensor
Hub8_5
Sensor
Hub8_4
Sensor
Hub8_3
Sensor
Hub8_2
Sensor
Hub8_1
Sensor
Hub8_0
Table 345. SENSOR_HUB_8 register description
SensorHub8[7:0]
Eighth byte associated to external sensors
15.9
SENSOR_HUB_9 (0Ah)
Sensor hub output register (r)
Ninth byte associated to external sensors. The content of the register is consistent with the SLAVEx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 346. SENSOR_HUB_9 register
Sensor
Hub9_7
Sensor
Hub9_6
Sensor
Hub9_5
Sensor
Hub9_4
Sensor
Hub9_3
Sensor
Hub9_2
Sensor
Hub9_1
Sensor
Hub9_0
Table 347. SENSOR_HUB_9 register description
SensorHub9[7:0]
Ninth byte associated to external sensors
LSM6DSR
SENSOR_HUB_7 (08h)
DS11976 - Rev 2
page 136/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com