Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 140 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 140 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 136Page - STMicroelectronics LSM6DSR Datasheet HTML 137Page - STMicroelectronics LSM6DSR Datasheet HTML 138Page - STMicroelectronics LSM6DSR Datasheet HTML 139Page - STMicroelectronics LSM6DSR Datasheet HTML 140Page - STMicroelectronics LSM6DSR Datasheet HTML 141Page - STMicroelectronics LSM6DSR Datasheet HTML 142Page - STMicroelectronics LSM6DSR Datasheet HTML 143Page - STMicroelectronics LSM6DSR Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 168 page
background image
15.19
MASTER_CONFIG (14h)
Master configuration register (r/w)
Table 366. MASTER_CONFIG register
RST_
MASTER_REGS
WRITE_
ONCE
START_
CONFIG
PASS_
THROUGH_MODE
SHUB_
PU_EN
MASTER
_ON
AUX_SENS
_ON1
AUX_SENS
_ON0
Table 367. MASTER_CONFIG register description
RST_MASTER_REGS
Reset Master logic and output registers. Must be set to ‘1’ and then set it to ‘0’. Default value: 0
WRITE_ONCE
Slave 0 write operation is performed only at the first sensor hub cycle.
Default value: 0
(0: write operation for each sensor hub cycle;
1: write operation only for the first sensor hub cycle)
START_CONFIG
Sensor hub trigger signal selection. Default value: 0
(0: sensor hub trigger signal is the accelerometer/gyro data-ready;
1: sensor hub trigger signal external from INT2 pin)
PASS_THROUGH_MODE
I²C interface pass-through. Default value: 0
(0: pass-through disabled;
1: pass-through enabled, main I²C line is short-circuited with the auxiliary line)
SHUB_PU_EN
Master I²C pull-up enable. Default value: 0
(0: internal pull-up on auxiliary I²C line disabled;
1: internal pull-up on auxiliary I²C line enabled)
MASTER_ON
Sensor hub I²C master enable. Default: 0
(0: master I²C of sensor hub disabled; 1: master I²C of sensor hub enabled)
AUX_SENS_ON[1:0]
Number of external sensors to be read by the sensor hub.
(00: one sensor (default);
01: two sensors;
10: three sensors;
11: four sensors)
LSM6DSR
MASTER_CONFIG (14h)
DS11976 - Rev 2
page 140/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com