Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 13Page - NXP Semiconductors P5021 Datasheet HTML 14Page - NXP Semiconductors P5021 Datasheet HTML 15Page - NXP Semiconductors P5021 Datasheet HTML 16Page - NXP Semiconductors P5021 Datasheet HTML 17Page - NXP Semiconductors P5021 Datasheet HTML 18Page - NXP Semiconductors P5021 Datasheet HTML 19Page - NXP Semiconductors P5021 Datasheet HTML 20Page - NXP Semiconductors P5021 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 155 page
background image
Pin assignments and reset states
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
17
D2_MCS0
Chip Select
AC1
O
GVDD
—
D2_MCS1
Chip Select
AE1
O
GVDD
—
D2_MCS2
Chip Select
AB3
O
GVDD
—
D2_MCS3
Chip Select
AE2
O
GVDD
—
D2_MCKE0
Clock Enable
R5
O
GVDD
—
D2_MCKE1
Clock Enable
T5
O
GVDD
—
D2_MCKE2
Clock Enable
P4
O
GVDD
—
D2_MCKE3
Clock Enable
M4
O
GVDD
—
D2_MCK0
Clock
W3
O
GVDD
—
D2_MCK1
Clock
V3
O
GVDD
—
D2_MCK2
Clock
V1
O
GVDD
—
D2_MCK3
Clock
W2
O
GVDD
—
D2_MCK0
Clock Complements
W4
O
GVDD
—
D2_MCK1
Clock Complements
V4
O
GVDD
—
D2_MCK2
Clock Complements
V2
O
GVDD
—
D2_MCK3
Clock Complements
W1
O
GVDD
—
D2_MODT0
On Die Termination
AD2
O
GVDD
—
D2_MODT1
On Die Termination
AF1
O
GVDD
—
D2_MODT2
On Die Termination
AD1
O
GVDD
—
D2_MODT3
On Die Termination
AE3
O
GVDD
—
D2_MDIC0
Driver Impedance Calibration
AA4
I/O
GVDD
16
D2_MDIC1
Driver Impedance Calibration
Y6
I/O
GVDD
16
Local bus controller interface
LAD00
Muxed Data/Address
K26
I/O
BVDD
3
LAD01
Muxed Data/Address
L26
I/O
BVDD
3
LAD02
Muxed Data/Address
J26
I/O
BVDD
3
LAD03
Muxed Data/Address
H25
I/O
BVDD
3
LAD04
Muxed Data/Address
F25
I/O
BVDD
3
LAD05
Muxed Data/Address
H24
I/O
BVDD
3
LAD06
Muxed Data/Address
G24
I/O
BVDD
3
LAD07
Muxed Data/Address
G23
I/O
BVDD
3
LAD08
Muxed Data/Address
E23
I/O
BVDD
3
LAD09
Muxed Data/Address
D23
I/O
BVDD
3
LAD10
Muxed Data/Address
J22
I/O
BVDD
3
Table 1. Pins listed by bus (continued)
Signal
Signal description
Package
pin number
Pin
type
Power
supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com