Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 81Page - NXP Semiconductors P5021 Datasheet HTML 82Page - NXP Semiconductors P5021 Datasheet HTML 83Page - NXP Semiconductors P5021 Datasheet HTML 84Page - NXP Semiconductors P5021 Datasheet HTML 85Page - NXP Semiconductors P5021 Datasheet HTML 86Page - NXP Semiconductors P5021 Datasheet HTML 87Page - NXP Semiconductors P5021 Datasheet HTML 88Page - NXP Semiconductors P5021 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
85
2.12.4.2
eTSEC IEEE Std 1588 AC specifications
This table provides the IEEE 1588 AC timing specifications.
Input low current (LVDD = Max, VIN = 0.5 V)
IIL
–600
—
μA1
Output high voltage (LVDD = Min, IOH = –1.0 mA)
VOH
2.4
—
V
—
Output low voltage (LVDD = Min, IOL = 1.0 mA)
VOL
—0.4
V
—
Note:
1. Note that the symbol VIN, in this case, represents the LVIN symbol referenced in Table 2 and Table 3.
2. The min VIL and max VIH values are based on the respective LVIN values found in Table 3.
Table 43. eTSEC IEEE 1588 AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
TSEC_1588_CLK clock period
tT1588CLK
3.3
—
TRX_CLK × 7ns
1, 2
TSEC_1588_CLK duty cycle
tT1588CLKH/
tT1588CLK
40
50
60
%
3
TSEC_1588_CLK peak-to-peak jitter
tT1588CLKINJ
—
—
250
ps
—
Rise time eTSEC_1588_CLK (20%–80%)
tT1588CLKINR
1.0
—
2.0
ns
—
Fall time eTSEC_1588_CLK (80%–20%)
tT1588CLKINF
1.0
—
2.0
ns
—
TSEC_1588_CLK_OUT clock period
tT1588CLKOUT
2
× t
T1588CLK
——
ns
—
TSEC_1588_CLK_OUT duty cycle
tT1588CLKOTH/
tT1588CLKOUT
30
50
70
%
—
TSEC_1588_PULSE_OUT
tT1588OV
0.5
—
3.0
ns
—
TSEC_1588_TRIG_IN pulse width
tT1588TRIGH
2
× t
T1588CLK_MAX
——
ns
2
Notes:
1.TRX_CLK is the maximum clock period of eTSEC receiving clock selected by TMR_CTRL[CKSEL]. See the QorIQ Integrated
Processor Reference Manual for a description of TMR_CTRL registers.
2. The maximum value of tT1588CLK is not only defined by the value of TRX_CLK, but also defined by the recovered clock. For
example, for 10/100/1000 Mbps modes, the maximum value of tT1588CLK be 2800, 280, and 56 ns, respectively.
3. It needs to be at least two times the clock period of the clock selected by TMR_CTRL[CKSEL]. See the QorIQ Integrated
Processor Reference Manual for a description of TMR_CTRL registers.
Table 42. eTSEC IEEE 1588 DC electrical characteristics (LVDD = 3.3 V) (continued)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com