Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 78Page - NXP Semiconductors P5021 Datasheet HTML 79Page - NXP Semiconductors P5021 Datasheet HTML 80Page - NXP Semiconductors P5021 Datasheet HTML 81Page - NXP Semiconductors P5021 Datasheet HTML 82Page - NXP Semiconductors P5021 Datasheet HTML 83Page - NXP Semiconductors P5021 Datasheet HTML 84Page - NXP Semiconductors P5021 Datasheet HTML 85Page - NXP Semiconductors P5021 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
82
2.12.3.1
Ethernet management interface 1 DC electrical characteristics
The Ethernet management interface 1 is defined to operate at a supply voltage of 3.3 V. The DC electrical characteristics for the
Ethernet management interface is provided in this table.
The Ethernet management interface 1 is defined to operate at a supply voltage of 3.3 V. The DC electrical characteristics for the
Ethernet management interface 1 is provided in Table 37.
2.12.3.2
Ethernet management interface 2 DC electrical characteristics
Ethernet management interface 2 pins function as open drain I/Os. The interface conforms to 1.2 V nominal voltage levels.
LVDD must be powered to use this interface. The DC electrical characteristics for EMI2_MDIO and EMI2_MDC are provided
in this section.
Table 37. Ethernet management Interface 1 DC electrical characteristics (LVDD = 3.3 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Note
Input high voltage
VIH
2.0
—
V
2
Input low voltage
VIL
—0.9
V
2
Input high current (LVDD = Max, VIN = 2.1 V)
IIH
—40
μA
1
Input low current (LVDD = Max, VIN = 0.5 V)
IIL
–600
—
μA
1
Output high voltage (LVDD = Min, IOH = –1.0 mA)
VOH
2.4
—
V
—
Output low voltage (LVDD = Min, IOL = 1.0 mA)
VOL
—0.4
V
—
Note:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 2 and Table 3.
2. The min VIL and max VIH values are based on the respective LVIN values found in Table 3.
Table 38. Ethernet management interface 1 DC electrical characteristics (LVDD = 2.5 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Note
Input high voltage
VIH
1.7
—
V
1
Input low voltage
VIL
—0.7
V
1
Input current (LVIN = 0 V or LVIN = LVDD)IIH
—±40
μA
2
Output high voltage (LVDD = Min, IOH = –1.0 mA)
VOH
2.4
—
V
—
Output low voltage (LVDD = Min, IOL = 1.0 mA)
VOL
—0.4
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max LVIN values found in Table 3.
2. The symbol LVIN, in this case, represents the LVIN symbol referenced in Section 2.1.2, “Recommended operating conditions.”
Table 39. Ethernet management interface 2 DC electrical characteristics (1.2 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Note
Input high voltage
VIH
0.84
—
V
—
Input low voltage
VIL
—0.36
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com