Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 44Page - NXP Semiconductors P5021 Datasheet HTML 45Page - NXP Semiconductors P5021 Datasheet HTML 46Page - NXP Semiconductors P5021 Datasheet HTML 47Page - NXP Semiconductors P5021 Datasheet HTML 48Page - NXP Semiconductors P5021 Datasheet HTML 49Page - NXP Semiconductors P5021 Datasheet HTML 50Page - NXP Semiconductors P5021 Datasheet HTML 51Page - NXP Semiconductors P5021 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Pin assignments and reset states
Freescale Semiconductor
48
AVDD_SRDS2
SerDes PLL2 Supply
U36
—
—
13
AVDD_SRDS3
SerDes PLL3 Supply
AE35
—
—
13
AVDD_SRDS4
SerDes PLL4 Supply
R28
—
—
13
SENSEVDD_PL1
Platform Vdd Sense
AF11
—
—
8
SENSEVDD_PL2
Platform Vdd Sense
L27
—
—
8
SENSEVDD_CA
Core Group A Vdd Sense
K16
—
—
8
USB1_VDD_3P3
USB1 PHY Transceiver 3.3V
Supply
AL24
—
—
—
USB1_VDD_3P3
USB1 PHY Transceiver 3.3V
Supply
AJ25
—
—
—
USB2_VDD_3P3
USB2 PHY Transceiver 3.3V
Supply
AJ26
—
—
—
USB2_VDD_3P3
USB2 PHY Transceiver 3.3V
Supply
AJ27
—
—
—
USB1_VDD_1P0
USB1 PHY PLL 1.0V Supply
AH25
—
—
—
USB2_VDD_1P0
USB2 PHY PLL 1.0V Supply
AH26
—
—
—
Analog Signals
MVREF
SSTL_1.5/1.35 Reference Voltage
B19
I
GVDD/2
—
SD_IMP_CAL_TX
SerDes transmitter Impedance
Calibration
AF30
I
200
Ω
(±1%) to
XVDD
23
SD1_IMP_CAL_TX
SerDes transmitter Impedance
Calibration
AA28
I
200
Ω
(±1%) to
XVDD
23
SD_IMP_CAL_RX
SerDes receiver Impedance
Calibration
B27
I
200
Ω
(±1%) to
SVDD
24
SD1_IMP_CAL_RX
SerDes receiver Impedance
Calibration
AF26
I
200
Ω
(±1%) to
SVDD
24
TEMP_ANODE
Temperature Diode Anode
C21
—
internal
diode
9
TEMP_CATHODE
Temperature Diode Cathode
B21
—
internal
diode
9
USB1_IBIAS_REXT
USB PHY1 Reference Bias Current
Generation
AM26
—
—
36
USB2_IBIAS_REXT
USB PHY2 Reference Bias Current
Generation
AM27
—
—
36
USB1_VDD_1P8_DECAP
USB1 PHY 1.8V Output to External
Decap
AL26
—
—
37
Table 1. Pins listed by bus (continued)
Signal
Signal description
Package
pin number
Pin
type
Power
supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com