Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 61Page - NXP Semiconductors P5021 Datasheet HTML 62Page - NXP Semiconductors P5021 Datasheet HTML 63Page - NXP Semiconductors P5021 Datasheet HTML 64Page - NXP Semiconductors P5021 Datasheet HTML 65Page - NXP Semiconductors P5021 Datasheet HTML 66Page - NXP Semiconductors P5021 Datasheet HTML 67Page - NXP Semiconductors P5021 Datasheet HTML 68Page - NXP Semiconductors P5021 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
65
2.6.3
Real time clock timing
The real time clock timing (RTC) input is sampled by the platform clock. The output of the sampling latch is then used as an
input to the counters of the MPIC and the time base unit of the core; there is no need for jitter specification. The minimum pulse
width of the RTC signal should be greater than 16
× the period of the platform clock with a 50% duty cycle. There is no minimum
RTC frequency; RTC may be grounded if not needed.
2.6.4
dTSEC gigabit Ethernet reference clock timing
This table provides the dTSEC gigabit Ethernet reference clocks AC timing specifications.
2.6.5
Other input clocks
A description of the overall clocking of this device is available in the applicable chip reference manual in the form of a clock
subsystem block diagram. For information on the input clock requirements of functional blocks sourced external of the device,
such as SerDes, Ethernet Management, eSDHC, Local bus, see the specific interface section.
2.7
RESET initialization
This section describes the AC electrical specifications for the RESET initialization timing requirements. This table provides the
RESET initialization AC timing specifications.
Table 14. EC_GTX_CLK125 AC timing specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
EC_GTX_CLK125 frequency
tG125
—125
—
MHz
—
EC_GTX_CLK125 cycle time
tG125
—8
—
ns
—
EC_GTX_CLK125 rise and fall time
LVDD = 2.5 V
LVDD = 3.3 V
tG125R/tG125F
——
0.75
1.0
ns
1
EC_GTX_CLK125 duty cycle
1000Base-T for RGMII
tG125H/tG125
47
—
53
%2
EC_GTX_CLK125 jitter
—
—
—
± 150
ps
2
Note:
1. Rise and fall times for EC_GTX_CLK125 are measured from 20% to 80% (rise time) and 80% to 20% (fall time) of LVDD.
2. EC_GTX_CLK125 is used to generate the GTX clock for the dTSEC transmitter with 2% degradation. EC_GTX_CLK125 duty
cycle can be loosened from 47%/53% as long as the PHY device can tolerate the duty cycle generated by the dTSEC
GTX_CLK. See Section 2.12.2.3, “RGMII AC timing specifications,” for duty cycle for 10Base-T and 100Base-T reference
clock.
Table 15. RESET initialization timing specifications
Parameter
Min
Max
Unit1
Notes
Required assertion time of PORESET
1—
ms
3
Required input assertion time of HRESET
32
—
SYSCLKs
1, 2
Input setup time for POR configurations with respect to negation of
PORESET
4
—
SYSCLKs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com