Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 55Page - NXP Semiconductors P5021 Datasheet HTML 56Page - NXP Semiconductors P5021 Datasheet HTML 57Page - NXP Semiconductors P5021 Datasheet HTML 58Page - NXP Semiconductors P5021 Datasheet HTML 59Page - NXP Semiconductors P5021 Datasheet HTML 60Page - NXP Semiconductors P5021 Datasheet HTML 61Page - NXP Semiconductors P5021 Datasheet HTML 62Page - NXP Semiconductors P5021 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
59
WARNING
Only 100,000 POR cycles are permitted per lifetime of a device.
WARNING
While VDD is ramping, current may be supplied from VDD through the P5021 to GVDD.
Nevertheless, GVDD from an external supply should follow the sequencing described
above.
All supplies must be at their stable values within 75 ms.
Items on the same line have no ordering requirement with respect to one another. Items on separate lines must be ordered
sequentially such that voltage rails on a previous step must reach 90% of their value before the voltage rails on the current step
reach 10% of theirs.
This figure provides the POVDD timing diagram.
Figure 8. POVDD timing diagram
This table provides information on the power-down and power-up sequence parameters for POVDD.
To guarantee MCKE low during power up, the above sequencing for GVDD is required. If there is no concern about any of the
DDR signals being in an indeterminate state during power up, the sequencing for GVDD is not required.
Table 5. POVDD timing
5
Driver type
Min
Max
Unit
Notes
tPOVDD_DELAY
100
—
SYSCLKs
1
tPOVDD_PROG
0—
μs2
tPOVDD_VDD
0—
μs3
tPOVDD_RST
0—
μs4
Notes:
1. Delay required from the negation of PORESET to driving POVDD ramp up. Delay measured from PORESET negation at 90%
OVDD to 10% POVDD ramp up.
2. Delay required from fuse programming finished to POVDD ramp down start. Fuse programming must complete while POVDD
is stable at 1.5 V. No activity other than that required for secure boot fuse programming is permitted while POVDD driven to
any voltage above GND, including the reading of the fuse block. The reading of the fuse block may only occur while POVDD =
GND. After fuse programming is completed, it is required to return POVDD = GND.
3. Delay required from POVDD ramp down complete to VDD_PL ramp down start. POVDD must be grounded to minimum 10%
POVDD before VDD_PL is at 90% VDD.
4. Delay required from POVDD ramp down complete to PORESET assertion. POVDD must be grounded to minimum 10% POVDD
before PORESET assertion reaches 90% OVDD.
5. Only two secure boot fuse programming events are permitted per lifetime of a device.
tPOVDD_PROG
tPOVDD_DELAY
POVDD
VDD_PL
PORESET
tPOVDD_RST
Fuse programming 1
90% OVDD
10% POVDD
10% POVDD
90% VDD_PL
tPOVDD_VDD
NOTE: POVDD must be stable at 1.5 V prior to initiating fuse programming.
90% OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com